PART |
Description |
Maker |
TMV1215EN TMV0505DEN TMV0505EN TMV0512DEN TMV0512E |
CONNECTOR ACCESSORY DC/DC Converters (TMV-EN Series, 1 Watt) DC/DC Converters (TMV-EN Series, 1 Watt)
|
TRACO ELECTRONIC AG. TRACOPOWER[TRACO Electronic AG] http://
|
NDS02ZG-M6 NDS03ZA NDS03ZA-M6 NDS03ZB-M6 NDS03ZE-M |
NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs NDS系列功率0W / 3.0A的直直流转换6 - 75V的输入为1.5V,在1.8V.5V.3V.0V输出 NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V / 1.8V / 2.5V / 3.3V and 5.0V Outputs NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
|
http:// POWER-ONE[Power-One]
|
TEN40-4834 TEN40 TEN40-1210 TEN40-1211 TEN40-1212 |
DC/DC Converters - TEN 40 Series, 40 Watt 直流/直流转换 10 40系列0 DC/DC Converters - TEN 40 Series, 40 Watt 直流/直流转换 10 40系列40
|
TRACO ELECTRONIC AG. TRACOPOWER[TRACO Electronic AG]
|
VI-261-EU-F2 VI-262-CU-F2 VI-260-CU VI-260-CV VI-2 |
DC-DC Converters 50 to 200 Watts The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching component-level DC-DC converters. The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching component-level DC-DC converters. Remote sense and current limit The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching?/a> component-level DC-DC converters. The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching?component-level DC-DC converters. The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching?component-level DC-DC converters.
|
Vicor Corporation
|
D214 D217 D202 D204 D213 D223 D203 D233 D201 D234 |
Single & Dual Output Miniature, 2W SIP DC/DC Converters D200 Series / DC/DC Converters Single & Dual Output Miniature, 2W SIP DC/DC Converters 单个
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. MicroPower Direct List of Unclassifed Man...
|
SB12U12 |
1 and 2 Watt SB Series DC/DC Converters
|
Reliability
|
CME3.3V6A5V8A |
DC-DC Converters : CME Series
|
Shindengen
|
HH3.3V4A |
DC-DC Converters : HHF Series
|
Shindengen
|
CME3.3V4A5V7A |
DC-DC Converters : CME Series
|
Shindengen
|
TEL5-12XX |
(TEL5 Series) DC/DC Converters
|
TRACO Electronic
|